PART |
Description |
Maker |
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
TB0299A |
SAW Filter 400 MHz SMD 3.0x3.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0464A |
SAW Filter 400 MHz SMD 3.8X3.8 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0448A |
SAW Filter 400 MHz SMD 5.0X5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0564A |
SAW Filter 400 MHz SMD 3X3 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
VLFX-400 |
Low Pass Filter DC to 400 MHz (40 dB Isolation up to 20 GHz)
|
MINI[Mini-Circuits]
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
DSS-113PIN DS-113PIN DSS-113 DS-113 |
Two-Way Power Divider, 400 KHz - 400 MHz
|
Tyco Electronics
|
XC4085XL1 DS005 XC4005-36XL XC4044-62XL XC4010XL-0 |
Electrical Specifications FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP160 XC4000XL Electrical Specifications FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP100 FPGA, 196 CLBS, 3000 GATES, 166 MHz, PQFP208 FPGA, 1936 CLBS, 33000 GATES, 166 MHz, CPGA411 FPGA, 2304 CLBS, 40000 GATES, 166 MHz, CPGA475 FPGA, 196 CLBS, 3000 GATES, 166 MHz, PQFP100 FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQCC84 FPGA, 1296 CLBS, 22000 GATES, 166 MHz, PBGA352 FPGA, 1296 CLBS, 22000 GATES, 166 MHz, PBGA432 FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP144
|
XILINX[Xilinx, Inc] Xilinx, Inc. XILINX INC
|
B39389-G1962-M100 G1962M |
IF Filter for Intercarrier Applications 38,90 MHz 1 FUNCTIONS, 38.9 MHz, SAW-VIDEO/SOUND FILTER
|
EPCOS AG
|
TFS117A |
Filter Specification 1 FUNCTIONS, 117.605 MHz, SAW FILTER Surface Acoustic Wave (SAW) Filter
|
VECTRON[Vectron International, Inc]
|
|